|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
24HSS1041A-2 Bothhandusa.com Page : 1/ 2 1000 BASE -T MAGNETICS MODULES P/N: 24HSS1041A-2 DATA SHEET Feature l l l l l l Designed for long haul gigabit Ethernet 1000 BASE-T, full duplex applications. Supports 4 pairs of category UTP-5 cable. Cable interface for isolation and low common mode emissions. Compliant with IEEE 802.3ab standard for1000 BASE-T. Operating temperature range: 0J to +70J. Storage temperature range: -25J to +125J. Electrical Specifications @ 25C Part Number 24HSS1041A-2 Turns Ratio (5%) 1CT:1 OCL (uH Min) @100KHz/0.1V with 8mA DC Bias 350 30MHz -45 Cross talk Attenuation (dB Min) 60MHz -40 100MHz HI-POT (Vrms) -35 1500 Continue Part Number 24HSS1041A-2 Insertion Loss (dB Max) 1-100MHz -1.0 1-30MHz -18 Return Loss (dB Min) @ Load 100[ 40MHz -14.4 50MHz -13.1 60-80MHz 100MHz -12 -10 30MHz -43 DCMR (dB Min) 60MHz -37 100MHz -33 Schematic 24HSS1041A-2 Bothhandusa.com Page : 2/ 2 1000 BASE -T MAGNETICS MODULES P/N: 24HSS1041A-2 DATA SHEET Mechanical vent.hole AREA |
Price & Availability of 24HSS1041A-2 |